Part Number Hot Search : 
TCA280B TAIYO MM3Z16VC 89C420 MBRF201 UPC1213C 7912A 121KB
Product Description
Full Text Search
 

To Download SFT5333 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670 Phone: (562) 404-4474 * Fax: (562) 404-1773
SFT5333
2 AMP 100 VOLTS HIGH SPEED PNP TRANSISTOR
TO-5
DESIGNER'S DATA SHEET FEATURES:
* * * * * * * Radiation Tolerant Fast Switching, 150ns MAX t(on) High Frequency, fT 85MHz MIN. BVCEO 70Volts MIN. Low Saturation Voltage. 200oC Operating, Gold Eutectic Die Attach. Designed for Complementary Use with SFT4300.
MAXIMUM RATINGS Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Total Device Dissipation @ TC=100oC Derate above 100oC Operating and Storage Temperature Thermal Resistance, Junction to Case ELECTRICAL CHARACTERISTICS Collector-Emitter Breakdown Voltage (IC = 30 mADC) Collector-Base Breakdown Voltage (IC = 200 ADC) Emitter-Base Breakdown Voltage (IE = 200 ADC) Collector Cutoff Current (VCB =90VDC, TC =25oC) (VCB =90VDC, TC =100oC) Collector Cutoff Current (VCE = 40 VDC)
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
SYMBOL VCEO VCBO VEBO IC IB PD TJ, TSTG RJC SYMBOL BVCEO BVCBO BVEBO ICBO ICEO
VALUE 70 100 6 2 1 6.6 66 -65 to +200 15.2 MIN 70 100 6 MAX 1 75 5
UNITS Volts Volts Volts Amps Amps W mW/oC
o
C
o
C/W
UNITS Volts Volts Volts
A A A
DATA SHEET #: TR0002C
SFT5333
ELECTRICAL CHARACTERISTICS Emitter Cutoff Current (VEB = 6VDC) DC Current Gain * (IC = 1.0 ADC , VCE = 5 VDC) (IC = 2.0 ADC , VCE = 5 VDC) Collector-Emitter Saturation Voltage * (IC = 1.0 ADC , IB =100 mADC) (IC = 2.0ADC , IB = 200 mADC) Base-Emitter Voltage * (IC = 2.0 ADC , VCE = 4 VDC) Current Gain Bandwidth Product (IC =1.0 ADC , VCE =10 VDC, f =10MHz) Output Capacitance (VCB = 30VDC , IE = 0ADC, f =1.0MHz)
Input Capacitance
PRELIMINARY
14005 Stage Road * Santa Fe Springs, Ca 90670 Phone: (562) 404-4474 * Fax: (562) 404-1773
SOLID STATE DEVICES, INC.
MIN 40 40 85 MAX
1
SYMBOL
IEBO HFE VCE (SAT) VBE (ON) fT Cob
UNITS
A
250 0.45 1.0 1.5
-
Volts Volts
MHz pF pF
75 300 150 450
(VBE = 6VDC , IC = 0ADC, f =1.0MHz) (VCC =20VDC , IC =1.0ADC, Turn On Time VEB(OFF)=3.7VDC, Turn Off Time IB1=IB2=100mADC, RL=20 Ohms) *Pulse Test: Pulse Width = 300s, Duty Cycle = 2% CASE OUTLINE: TO-5
PIN 1: EMITTER PIN 2: BASE PIN 3: COLLECTOR
Cib t(on) t(off)
ns ns


▲Up To Search▲   

 
Price & Availability of SFT5333

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X